Electronic Components Datasheet Search
  English  ▼

X  

APW7143 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7143
Description  3A, 12V, Asynchronous Buck Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7143 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7143 Datasheet HTML 1Page - Anpec Electronics Coropration APW7143 Datasheet HTML 2Page - Anpec Electronics Coropration APW7143 Datasheet HTML 3Page - Anpec Electronics Coropration APW7143 Datasheet HTML 4Page - Anpec Electronics Coropration APW7143 Datasheet HTML 5Page - Anpec Electronics Coropration APW7143 Datasheet HTML 6Page - Anpec Electronics Coropration APW7143 Datasheet HTML 7Page - Anpec Electronics Coropration APW7143 Datasheet HTML 8Page - Anpec Electronics Coropration APW7143 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2008
APW7143
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to AGND)
-0.3 ~ 15
V
> 100ns
-1 ~ VIN+1
VLX
LX to AGND Voltage
< 100ns
- 5 ~ VIN+5
V
EN to AGND Voltage
-0.3 ~ VIN+0.3
V
FB, COMP to AGND Voltage
-0.3 ~ 6
V
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 2 : Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device.
Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
(Note 3)
SOP-8
80
oC/W
Note 3:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Pin Configuration
APW7143
SOP-8
Top View
1
2
3
4
8
7
6
5
LX
LX
EN
COMP
VIN
NC
AGND
FB
Pin 7 and 8 must be externally connected together.
APW7143
Package Code
K : SOP-8
Operating Junction Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device G : Halogen and Lead Free Device
°
Handling Code
Temperature Range
Package Code
Assembly Material
APW7143 K :
XXXXX - Date Code
APW7143
XXXXX
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com