Electronic Components Datasheet Search
  English  ▼

X  

TC5565APL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC5565APL
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565APL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC5565APL Datasheet HTML 1Page - Toshiba Semiconductor TC5565APL Datasheet HTML 2Page - Toshiba Semiconductor TC5565APL Datasheet HTML 3Page - Toshiba Semiconductor TC5565APL Datasheet HTML 4Page - Toshiba Semiconductor TC5565APL Datasheet HTML 5Page - Toshiba Semiconductor TC5565APL Datasheet HTML 6Page - Toshiba Semiconductor TC5565APL Datasheet HTML 7Page - Toshiba Semiconductor TC5565APL Datasheet HTML 8Page - Toshiba Semiconductor TC5565APL Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
OPERATION MODE
\CE1
CE2
\OE
R/W
1/01-T/08
POWER
Read
L
H
L
H
DOUT
IDDO
Write
L
H
*
L
DIN
IDDO
Output Deselect
L
H
H
H
High-Z
IDDO
H
*
*
*
High-Z
IDDS
Standby
L
*
*
High-Z
IDDS
MAXIMUM RATINGS
SYMBOL
ITEM
RATING
UNIT
VDD
Power Supply Voltage
-0.3~7.0
v
VIN
Input Voltage
*-0.3~7.0
v
VI/O
Input and Output Voltage
-0-5-VDD+0.5
v
PD
Power Dissipation
1.0/0.6**
W
Tsolder
Soldering Temperature
260-10
°C sec
Tstg
Storage Temperature
-55~150
°C
Topr
Operating Temperature
0-70
°C
* -3.0V at pulse width 50ns MAX. **Flat package
D.C RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
Typ.
MAX.
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
v
VIH
Input High Voltage
2.2
-
VDD+0.3
v
VIL
Input Low Voltage
-0.3
-
0.8
V
VDH
Data-Retention Supply Voltage
2.0
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com