Electronic Components Datasheet Search
  English  ▼

X  

TC5565APL Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC5565APL
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565APL Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC5565APL Datasheet HTML 1Page - Toshiba Semiconductor TC5565APL Datasheet HTML 2Page - Toshiba Semiconductor TC5565APL Datasheet HTML 3Page - Toshiba Semiconductor TC5565APL Datasheet HTML 4Page - Toshiba Semiconductor TC5565APL Datasheet HTML 5Page - Toshiba Semiconductor TC5565APL Datasheet HTML 6Page - Toshiba Semiconductor TC5565APL Datasheet HTML 7Page - Toshiba Semiconductor TC5565APL Datasheet HTML 8Page - Toshiba Semiconductor TC5565APL Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
D.C and OPERATING CHARACTERISTICS (Ta=0~70°C, VDD = 5V±10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN. TYP. MAX. UNIT
IIL
Input Leakage
Current
VIN=O~VDD
-
-
±1.0
uA
IOH
Output High Current
VOH-2-4V
-1.0
-
mA
IOL
Output Low Current
VOL-0.4V
4.0
-
mA
ILO
Output Leakage Current
VIH or CE2-VOL or
\CE1 = VIH or CE2=VOL 0r R/W = VIL
or \OE=VIH
VOUT=0~VDD
-
-
±1.0
uA
tcycle=1.0us
10
mA
TC5565APL-10
TC556SAFL-10
tcycle
=100ns
-
-
45
mA
TC5565APL-12
TC5565AFL-12
tcycle
=120ns
-
-
40
mA
IDDO1
VDD =5.5V
\CE1=VIL
CE2=VIH
Other input=
VIH/VIL
TC5565A?L-15
TC5565AFL-15
tcycle
=150ns
-
-
35
mA
tcycle=1.0us
-
-
5
mA
TC5565APL-10
TC5565AFL-10
tcycle=100ns
-
-
40
mA
TC5565AFL-12
TC5565AFL-12
tcycle=120ns
-
-
35
mA
TC5565APL-15
IDD02
Operating Current
VDD=5.5V
\CEl=O.2V
CE2=VDD –0.2V
Other lnput=
VDD - 0.2V/0.2V
TC5565AFL-15
tcycle=150ns
-
-
30
mA
IDDS1
\Cel = VIH or CE2 = VIL
3
mA
VDD = 5.5V
-
2
100
uA
*IDDS2
Standby Current
\CE1 = VDD – 0.2V or
CE2 = 0.2V
VDD = 3.0V
-
1
50
uA
Note *
In standby mode with \CE1>= VDD – 0.2V, these specification limits are guaranteed under the condition of
CE2 >= VDD – 0.2V or CE2 <= 0.2V.
CAPACITANCE (Ta=25°C)
SYMBOL
PARAMETER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
CIN
Input Capacitance
VIN = GND
-
-
10
pF
COUT
Output Capacitance
VOUT = GND
-
-
10
pF
* This parameter periodically sampled is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com