Electronic Components Datasheet Search
  English  ▼

X  

APX9131 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9131
Description  Hall Effect Micro Switch IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9131 Datasheet HTML 1Page - Anpec Electronics Coropration APX9131 Datasheet HTML 2Page - Anpec Electronics Coropration APX9131 Datasheet HTML 3Page - Anpec Electronics Coropration APX9131 Datasheet HTML 4Page - Anpec Electronics Coropration APX9131 Datasheet HTML 5Page - Anpec Electronics Coropration APX9131 Datasheet HTML 6Page - Anpec Electronics Coropration APX9131 Datasheet HTML 7Page - Anpec Electronics Coropration APX9131 Datasheet HTML 8Page - Anpec Electronics Coropration APX9131 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.12 - Aug., 2009
APX9131
www.anpec.com.tw
2
APX9131
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Range
Operating
2.5
-
3.5
V
Average
-
5
10
µA
Awake
-
1.2
2
mA
IDD
Supply Current
Sleep
-
2
8
µA
IOFF
Output Leakage Current
VOUT = 3.5V, BRPN<B<BRPS
-
-
1.0
µA
VOL
Output Low Voltage
ISINK = 1mA
-
20
40
mV
tawake
Wake Up Time
-
180
-
µs
tperiod
Period
-
60
120
ms
d.c.
Duty Cycle
-
0.3
-
%
fc
Chopping Frequency
-
11
-
kHz
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
5
V
VOUT
Output Voltage
5
V
TJ
Junction Temperature Range
150
TSTG
Storage Temperature Range
-65 to +150
°C
Magnetic Characteristics (T
A = 25°C, VDD=3V unless otherwise noted)
APX9131
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
BOPS
20
40
60
G
BOPN
Operate Points
-60
-40
-20
G
BRPS
10
25
50
G
BRPN
Release Points
-50
-25
-10
G
Bhys
Hysteresis
-
15
-
G
Electrical Characteristics (T
A = 25°C, VDD=3V unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com