Electronic Components Datasheet Search
  English  ▼

X  

APX9131 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9131
Description  Hall Effect Micro Switch IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9131 Datasheet HTML 2Page - Anpec Electronics Coropration APX9131 Datasheet HTML 3Page - Anpec Electronics Coropration APX9131 Datasheet HTML 4Page - Anpec Electronics Coropration APX9131 Datasheet HTML 5Page - Anpec Electronics Coropration APX9131 Datasheet HTML 6Page - Anpec Electronics Coropration APX9131 Datasheet HTML 7Page - Anpec Electronics Coropration APX9131 Datasheet HTML 8Page - Anpec Electronics Coropration APX9131 Datasheet HTML 9Page - Anpec Electronics Coropration APX9131 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.12 - Aug., 2009
APX9131
www.anpec.com.tw
6
The output of APX9131 switches low (turns on) when in
presence of strong flux density facing the marked side of
package exceeds the operate point B
OPS (or is less than
B
OPN). After turn-on, the output is capable of sinking up to
1mA and the output voltage is low (turns on). In absence
of flux density below the release point B
RPS (or increased
above B
RPN), the APX9131 output switches high (turns off).
The difference in the magnetic operated and released point
is the hysteresis (B
hys) of the device. This built-in hyster-
esis allows clean switching of the output even in the pres-
ence of external mechanical bouncing vibration and elec-
trical noise.
Function Description
The chopper stabilized technique cancels the mismatch-
ing of the hall element, the amplifier offset voltage and
temperature sensitive drift by the dynamic offset cancel-
lation and switched capacitor technique. This technique
produces devices have an extremely stable Hall output
voltage, therefore, the magnetic switch points are stable.
Operation
OUTPUT OFF
B
OPN
B
OPS
B
RPN
B
RPS
OUTPUT ON
MAGNETIC FLUX
0
+B
-B
0
5V
MAX
Pole-Independent
The pole-independent sensing technique allows for op-
eration with either a north or south pole magnet
orientation, enhancing the manufacturability of the device.
The state-of-the-art technology provides the same output
polarity for either pole in presence.
Awake & Sleep
Internal awake & sleep timing block circuit activates the
sensor for 180
µs and deactivates it for the remainder of the
period (60ms). A short “awake” time allows for stabiliza-
tion prior to the sensor sampling and data latching on the
falling edge of the timing pulse. When in sleep cycle, the
output is latched in its previous state.
Chopper Stabilized Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com