Electronic Components Datasheet Search
  English  ▼

X  

AE362 Datasheet(PDF) 1 Page - RFHIC

Part # AE362
Description  E-pHEMT MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE362 Datasheet(HTML) 1 Page - RFHIC

  AE362 Datasheet HTML 1Page - RFHIC AE362 Datasheet HTML 2Page - RFHIC AE362 Datasheet HTML 3Page - RFHIC AE362 Datasheet HTML 4Page - RFHIC AE362 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
36
62
2
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
Product Features
Application
• 50 ~ 6000MHz
• GaAs E-pHEMT MMIC
• Higher linearity
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Cellular, GSM
• PCS, W-CDMA
• Wibro, WiMax
Description
AE362 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 50~6000MHz Wireless technologies such as Cellular, GSM,
PCS, W-CDMA, Wibro, WiMax System.
The data in this spec sheet is valid only for 50 ohm application.
Specifications
PARAMETER
UNIT
MIN
TYP
MAX
Remark
Frequency Range
MHz
50 ~ 6000
Gain
dB
15.5
Input Return Loss
dB
-13
Output Return Loss
dB
-12
Output IP3
dBm
29
32
1dB Compression Point
dBm
18
21
W-CDMA Power (4FA)
dBm
8.5
Noise Figure
dB
1.3
1.8
DC Current
mA
45
Supply Voltage
V
4.5
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
V
+5
+6
Operating Temperature
℃
-40
+85
Storage Temperature
℃
-40
+150
NOTE
1. Test conditions unless otherwise noted. Freq=1900~2200MHz, Vdd=+4.5V, Ta=25 ,
℃
50Ω system
2. OIP3 measured with 2 tones at an output power of +0dBm/tone separated by 1MHz
3. Test Model 1, 64DPCH, 3.84MHz BW, @±5MHz and ±10MHz offset
Package : SOT-89


Similar Part No. - AE362

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
More results

Similar Description - AE362

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD311 RFHIC-AD311 Datasheet
269Kb / 6P
E-pHEMT MMIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com