Electronic Components Datasheet Search
  English  ▼

X  

AE362 Datasheet(PDF) 4 Page - RFHIC

Part # AE362
Description  E-pHEMT MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE362 Datasheet(HTML) 4 Page - RFHIC

  AE362 Datasheet HTML 1Page - RFHIC AE362 Datasheet HTML 2Page - RFHIC AE362 Datasheet HTML 3Page - RFHIC AE362 Datasheet HTML 4Page - RFHIC AE362 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
36
62
2
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
◎ Application Circuit: 2400MHz ~ 2600MHz, 50ohm System
◎ Typical RF Performance: VDD=4.5V, IDS=45mA, TA=25℃, 50ohm System
2.4
2.5
2.6
2.3
2.7
-20
-10
0
10
20
-30
30
freq, GHz
S - parameter
S21
S11
S22
Noise Figure vs Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2400
2440
2480
2520
2560
2600
Freq(MHz)
OIP3 vs Frequency
26.0
28.0
30.0
32.0
34.0
36.0
2400
2440
2480
2520
2560
2600
Freq(MHz)
P1dB vs Frequency
14.0
16.0
18.0
20.0
22.0
24.0
2400
2440
2480
2520
2560
2600
Freq(MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com