Electronic Components Datasheet Search
  English  ▼

X  

AD412 Datasheet(PDF) 1 Page - RFHIC

Part # AD412
Description  E-pHEMT MMIC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD412 Datasheet(HTML) 1 Page - RFHIC

  AD412 Datasheet HTML 1Page - RFHIC AD412 Datasheet HTML 2Page - RFHIC AD412 Datasheet HTML 3Page - RFHIC AD412 Datasheet HTML 4Page - RFHIC AD412 Datasheet HTML 5Page - RFHIC AD412 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D4
41
12
2
(Preliminary)
Product Features
Application
• 4-Way Splitter
• Small size (3X3 mm)
• QFN SMD Type package
• Higher productivity
• Lower manufacturing cost
• -63dBc CSO 135 Channels @ +15dBmV/ch
• -77dBc CTB 135 Channels @ +15dBmV/ch
• -78dBc XMD 135 Channels @ +15dBmV/ch
• 5.2 dB Typical Noise Figure
• 75 ohm input and outputs
• Multi Tuner Set-Top Boxes
• Home Gateways
• FTTx (G-PON, GE-PON)
Description
AD412 is designed as low cost Active Divider for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75 ohm application.
Specifications
Package : QFN 3X3
PARAMETER
UNIT
MIN
TYP
MAX
Condition
Frequency
MHz
50 ~ 1000
Gain
dB
5
6
Gain Flatness
dB
0.4
1
Input Return Loss
dB
-10
Output Return Loss
dB
-12
IN&OUT Port Isolation
dB
-26
OUT&OUT Port Isolation
dB
-29
Output IP3
dBm
30
33
1dB Compression Point
dBm
16.3
18.3
Noise Figure
dB
5.2
6
CSO
dBc
-63
-60
CTB
dBc
-77
-70
XMOD
30 ~ 870MHz
dBc
-78
-70
135 channel @
Input Power +15dBmV/ch
DC Current
mA
220
Vdd = 5.0V
NOTE
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25 , Vdd=
℃
5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +0dBm/tone separated by 1MHz, Test Freq = 500MHz
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
+5
+5.5
Operating Temperature
-40
+85
℃
Storage Temperature
℃
-40
+150
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5


Similar Part No. - AD412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4129-4 AD-AD4129-4 Datasheet
3Mb / 107P
32 μA, Ultra-Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4129-4 AD-AD4129-4 Datasheet
3Mb / 110P
32 μA, Ultra-Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4129-4BCBZ-RL7 AD-AD4129-4BCBZ-RL7 Datasheet
3Mb / 110P
32 μA, Ultra-Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4129-4BCPZ-RL7 AD-AD4129-4BCPZ-RL7 Datasheet
3Mb / 107P
32 μA, Ultra-Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4129-4BCPZ-RL7 AD-AD4129-4BCPZ-RL7 Datasheet
3Mb / 110P
32 μA, Ultra-Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
More results

Similar Description - AD412

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD311 RFHIC-AD311 Datasheet
269Kb / 6P
E-pHEMT MMIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com