Electronic Components Datasheet Search
  English  ▼

X  

AD412 Datasheet(PDF) 3 Page - RFHIC

Part # AD412
Description  E-pHEMT MMIC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD412 Datasheet(HTML) 3 Page - RFHIC

  AD412 Datasheet HTML 1Page - RFHIC AD412 Datasheet HTML 2Page - RFHIC AD412 Datasheet HTML 3Page - RFHIC AD412 Datasheet HTML 4Page - RFHIC AD412 Datasheet HTML 5Page - RFHIC AD412 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D4
41
12
2
(Preliminary)
Multi-Tone Test 135CH_FLAT@Input Power +15dBmV/Ch
Level: Input +15dBmV
Tilt: 135CH
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
80.2
81
85.4
81.7
79.2
82.8
56
66.2
66.3
53.99
77.25
81.2
81.3
85.7
82.2
67
67.1
77.99
81.7
86
76.58
109.25
80.3
81.6
85.9
82.5
79.7
82.7
109.99
67.8
67.9
107.99
211.25
80
80.7
85
81.9
74.4
75.2
212.5
69.1
69.3
209.99
331.25
79.8
79.4
83.8
80.7
70.4
70.8
332.5
70
70.4
329.99
445.25
78.9
79.8
84.1
81.3
69.1
69.4
446.5
72
72.6
443.99
547.25
80
78.7
83
80
65.9
66
548.49
72.7
73.7
545.99
637.25
79.8
78.6
83
80
66.1
66.3
638.5
75.3
77.2
635.99
745.25
78.9
78.5
82.9
79.8
65.1
65.3
746.49
76.9
79.9
744.48
859.25
78.6
77.1
81.4
77.8
63.7
63.9
860.49
74.6
77.1
858.49
Min
78.6
77.1
81.4
77.8
63.7
63.9
56
66.2
66.3
53.99
Max
81.2
81.6
85.9
82.5
79.7
82.8
860.49
81.7
86
858.49
◎ Specifications (Insert Pad)
Parameter
Unit
Typical Data
Condition
Frequency
MHz
50~1000
5
Supply Voltage
V
Gain
dB
4.3
Gain Flatness
dB
0.3
Input Return Loss
dB
-10
Output Return Loss
dB
-15
IN&OUT Port Isolation
dB
-27
OUT&OUT Port Isolation
dB
-30
OIP3
dBm
30
P1dB
dBm
16
Noise Figure
dB
5.2
CSO
dBc
-64
135 channel, +15dBmV/ch
CTB
dBc
-74
135 channel, +15dBmV/ch
XMOD
dBc
-78
135 channel, +15dBmV/ch
DC Current
mA
220
Vdd = 5.0V
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com