Electronic Components Datasheet Search
  English  ▼

X  

AE314 Datasheet(PDF) 2 Page - RFHIC

Part # AE314
Description  E-pHEMT MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE314 Datasheet(HTML) 2 Page - RFHIC

  AE314 Datasheet HTML 1Page - RFHIC AE314 Datasheet HTML 2Page - RFHIC AE314 Datasheet HTML 3Page - RFHIC AE314 Datasheet HTML 4Page - RFHIC AE314 Datasheet HTML 5Page - RFHIC AE314 Datasheet HTML 6Page - RFHIC AE314 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
31
14
4
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
Application Circuit: 50MHz ~ 2200MHz, 75ohm System
Typical RF Performance: VDD=5V, IDS=100mA, Ta=25℃, 75ohm System
0.5
1.0
1.5
2.0
0.0
2.5
-10
0
10
20
-20
30
-20
-10
0
10
-30
20
freq, GHz
S-parameter
Multi-Tone Test 135CH_FLAT@Output Power +20dBmV/Ch
Level: +20dBmV
Tilt: 135CH_FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
89.3
77.6
81.9
77.8
77.2
81.5
55.99
64
64.2
53.99
77.25
91.8
77.8
82.1
78.2
64.9
65.1
78
77.6
82
76.61
109.25
89.3
77.3
81.7
77.8
77.2
81.5
110.44
64.6
64.8
107.99
211.25
88.7
76.7
81.1
77.3
74.9
79.3
212.5
65.3
65.6
209.99
331.25
86.8
76.2
80.5
76.9
72.9
75.5
332.5
65.5
65.9
329.99
445.25
85.9
76.8
81.2
77.1
71.9
73.4
446.49
66.5
66.8
443.99
547.25
86.1
75.9
80.2
76.1
69.9
71
548.5
66.7
67.3
545.99
637.25
84.3
76
80.3
76.4
69.8
70.9
638.49
69.8
70.9
635.99
745.25
83.2
75.9
80.2
76.2
67.7
68.4
746.49
73.1
76.1
743.99
859.25
82.1
74.8
79.1
75.3
67
67.7
860.49
74.2
78.6
858.49
Min
82.1
74.8
79.1
75.3
64.9
65.1
55.99
64
64.2
53.99
Max
91.8
77.8
82.1
78.2
77.2
81.5
860.49
77.6
82
858.49
S21
S22
S11
Noise Figure vs Frequency
0
1
2
3
4
5
0
200
400
600
800
1000 1200 1400 1600 1800 2000 2200
Freq(MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com