Electronic Components Datasheet Search
  English  ▼

X  

AE314 Datasheet(PDF) 5 Page - RFHIC

Part # AE314
Description  E-pHEMT MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE314 Datasheet(HTML) 5 Page - RFHIC

  AE314 Datasheet HTML 1Page - RFHIC AE314 Datasheet HTML 2Page - RFHIC AE314 Datasheet HTML 3Page - RFHIC AE314 Datasheet HTML 4Page - RFHIC AE314 Datasheet HTML 5Page - RFHIC AE314 Datasheet HTML 6Page - RFHIC AE314 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
31
14
4
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
8B
◎ Specifications (50MHz~1000MHz, Bias Control)
9B
PARAMETER
UNIT
MIN
TYP
MAX
Condition
Frequency
MHz
50 ~ 1000
Gain
dB
20
22
Input Return Loss
dB
-17
Output Return Loss
dB
-16
Output IP3
dBm
35
38
At 500MHz/+5dBm 2tone
1dB Compression Point
dBm
18
21
At 500MHz
Noise Figure
dB
2.5
3.5
CSO
dBc
-60
-55
135 channel, +30dBmV/ch
CTB
dBc
-67
-62
135 channel, +30dBmV/ch
XMOD
30 ~ 870MHz
dBc
-64
-59
135 channel, +30dBmV/ch
DC Current
mA
130
Vdd = 5.0V
Application Circuit: 50MHz ~ 1000MHz, 75ohm System, Bias Control
NOTE
1. Test conditions unless otherwise noted. Test Freq = 500MHz, Ta=25 , Vdd=
℃
+5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +5dBm/tone separated by 1MHz, Test Freq = 500MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com