Electronic Components Datasheet Search
  English  ▼

X  

AP410 Datasheet(PDF) 3 Page - RFHIC

Part # AP410
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP410 Datasheet(HTML) 3 Page - RFHIC

  AP410 Datasheet HTML 1Page - RFHIC AP410 Datasheet HTML 2Page - RFHIC AP410 Datasheet HTML 3Page - RFHIC AP410 Datasheet HTML 4Page - RFHIC AP410 Datasheet HTML 5Page - RFHIC AP410 Datasheet HTML 6Page - RFHIC AP410 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
41
10
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Block Diagram
Application Circuit
Recommended Component Values
70MHz
500MHz-3500MHz
L1
560nH
100nH
C1,C2,C3
0.1uF
1000pF
C4
1000pF
0.1uF
C5
4.7uF/16V
4.7uF/16V
Recommended Bias Resistor Values
Vsupply
Rbias(5V)
Rbias(4.8V)
Rbias(4.5V)
6V
11 ohms
18 ohms
30 ohms
7V
23 ohms
34 ohms
50 ohms
8V
35 ohms
50 ohms
70 ohms
9V
47 ohms
65 ohms
90 ohms
RF Input
RF Output
+5V
0
L=3mm
L=5mm
Z=50
Z=50
C1
C2
L1
C3 C4 C5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com