Electronic Components Datasheet Search
  English  ▼

X  

AP410 Datasheet(PDF) 4 Page - RFHIC

Part # AP410
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP410 Datasheet(HTML) 4 Page - RFHIC

  AP410 Datasheet HTML 1Page - RFHIC AP410 Datasheet HTML 2Page - RFHIC AP410 Datasheet HTML 3Page - RFHIC AP410 Datasheet HTML 4Page - RFHIC AP410 Datasheet HTML 5Page - RFHIC AP410 Datasheet HTML 6Page - RFHIC AP410 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
41
10
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Performance Charts (Vd=5V, Id=85mA, Tc=25℃)
Frequency
MHz
100
500
900
1900
2140
2400
2700
3500
Gain
dB
20.1
20.1
19.5
17.6
17.3
16.7
16.4
14.6
S11
dB
-24
-18
-20
-29
-28
-27
-27
-19
S22
dB
-18
-28
-16
-12
-12
-13
-13
-14
OIP3
dBm
34
35.5
35
34.5
34.5
34.5
34.5
P1dB
dBm
19.2
19.8
20.0
20.1
20.1
20.1
20.2
19.2
Noise Figure
dB
5.3
5.5
5.5
5.7
5.7
5.7
5.7
8
10
12
14
16
18
20
22
0
500
1000 1500 2000 2500 3000 3500
Frequency(MHz)
10
15
20
25
30
35
40
45
100
500
900
1900 2140 2400 2700 3000
Frequency(MHz)
-42
-36
-30
-24
-18
-12
-6
0
0
500
1000 1500 2000 2500 3000 3500
Frequency(MHz)
-56
-48
-40
-32
-24
-16
-8
0
0
500
1000 1500 2000 2500 3000 3500
Frequency(MHz)
70MHz Performance
Typical Specifications
Frequency
Gain(S21)
Return Loss(S11)
Return Loss(S22)
OIP3
Noise Figure
P1dB
50~200MHz
20dB
-18dB
-22dB
34dBm
5.3dB
20dBm
Gain vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
OIP3 vs. Frequency
-32
-24
-16
-8
0
8
16
24
50
80
110
140
170
200
Frequency(MHz)
S11
S21
S22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com