Electronic Components Datasheet Search
  English  ▼

X  

TAS5611 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611
Description  125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5611 Datasheet HTML 1Page - Texas Instruments TAS5611 Datasheet HTML 2Page - Texas Instruments TAS5611 Datasheet HTML 3Page - Texas Instruments TAS5611 Datasheet HTML 4Page - Texas Instruments TAS5611 Datasheet HTML 5Page - Texas Instruments TAS5611 Datasheet HTML 6Page - Texas Instruments TAS5611 Datasheet HTML 7Page - Texas Instruments TAS5611 Datasheet HTML 8Page - Texas Instruments TAS5611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
0,1
1
10
4Ohm (6kHz)
4Ohm(1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
0,001
0,01
0,1
1
10
0,01
1
100
P
O - Output Power - W
4Ohm (6kHz)
4Ohm(1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
TC = 75 C
CONFIG = BTL
TAS5611
www.ti.com
SLAS681 – DECEMBER 2009
125W STEREO / 250W MONO PurePath™ HD ANALOG-INPUT POWER STAGE
Check for Samples: TAS5611
1
FEATURES
APPLICATIONS
•
Home Theater Systems
23
•
PurePath™ HD Enabled Integrated Feedback
Provides:
•
AV Receivers
•
DVD/Blu-ray Receivers
–
Signal Bandwidth up to 80kHz for High
Frequency Content From HD Sources
•
Mini Combo System
•
Active Speakers and Subwoofers
–
Ultralow 0.03% THD at 1W into 4
Ω
–
Flat THD at all Frequencies for Natural
DESCRIPTION
Sound
–
80dB PSRR (BTL, No Input Signal)
The TAS5611 is a high performance analog input
Class
D
amplifier
with
integrated
closed
loop
–
>100dB (A weighted) SNR
feedback technology (known as PurePath™ HD) with
–
Click and Pop Free Startup
the ability to drive up to 125W (1) Stereo into 4 to 8
Ω
•
Pin compatible with TAS5630, TAS5615 and
Speakers from a single 32.5V supply.
TAS5613
PurePath™
HD
technology
enables
traditional
•
Multiple Configurations Possible on the Same
AB-Amplifier performance (<0.03% THD) levels while
PCB With Stuffing Options:
providing the power efficiency of traditional class D
amplifiers.
–
Mono Parallel Bridge Tied Load (PBTL)
–
Stereo Bridge Tied Load (BTL)
Unlike traditional Class D amplifiers, the distortion
curve only increases once the output levels move into
–
2.1 Single Ended Stereo Pair and Bridge
clipping. PurePath™ HD Power PAD™
Tied Load Subwoofer
PurePath™ HD technology enables lower idle losses
•
Total Output Power at 10%THD+N
making the device even more efficient.
–
250W in Mono PBTL Configuration into 2
Ω
–
125W per Channel in Stereo BTL
Configuration into 4
Ω
•
Total Output Power in BTL configuration at
1%THD+N
–
130W Stereo into 3
Ω
–
105W Stereo into 4
Ω
–
70W Stereo into 6
Ω
–
55W Stereo into 8
Ω
•
>90% Efficient Power Stage With 60-m
Ω
Output MOSFETs
•
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
•
EMI Compliant When Used With
Recommended System Design
•
Two Thermally Enhanced Package Options:
(1)
Achievable output power levels are dependent on the thermal
–
PHD (64-Pin QFP)
configuration of the target application. A high performance
–
DKD (44-Pin PSOP3)
thermal interface material between the package exposed
heatslug and the heat sink should be used to achieve high
output power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath, Power PAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
2Mb / 29P
125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI2-TAS5611A Datasheet
1Mb / 42P
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
REVISED APRIL 2016
TAS5611A TI2-TAS5611A Datasheet
1Mb / 43P
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
REVISED APRIL 2016
TAS5611ADKD TI-TAS5611ADKD Datasheet
2Mb / 29P
125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com