Electronic Components Datasheet Search
  English  ▼

X  

TAS5611 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611
Description  125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5611 Datasheet HTML 9Page - Texas Instruments TAS5611 Datasheet HTML 10Page - Texas Instruments TAS5611 Datasheet HTML 11Page - Texas Instruments TAS5611 Datasheet HTML 12Page - Texas Instruments TAS5611 Datasheet HTML 13Page - Texas Instruments TAS5611 Datasheet HTML 14Page - Texas Instruments TAS5611 Datasheet HTML 15Page - Texas Instruments TAS5611 Datasheet HTML 16Page - Texas Instruments TAS5611 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
0
50
100
150
200
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PV
-SupplyVoltage-V
DD
T =75°C
THD+N=10%
C
3 W
4 W
6 W
8 W
0.001
0.01
0.1
1
10
0.01
1
100
P
-OutputPower-W
O
0.1
10
1000
3 W
4 W
6 W
8 W
T =75°C
C
0
50
100
150
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PV
-SupplyVoltage-V
DD
3 W
4 W
6 W
8 W
T =75°C
C
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
2ChannelOutputPower-W
4 W
6 W
8 W
T =25°C
THD+N=10%
C
TAS5611
www.ti.com
SLAS681 – DECEMBER 2009
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC+NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com