Electronic Components Datasheet Search
  English  ▼

X  

AE617 Datasheet(PDF) 1 Page - RFHIC

Part # AE617
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE617 Datasheet(HTML) 1 Page - RFHIC

  AE617 Datasheet HTML 1Page - RFHIC AE617 Datasheet HTML 2Page - RFHIC AE617 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E6
61
17
7
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
Product Features
Application
• Small size
• Higher Gain
• Higher linearity
• SOIC-8 SMD Type package
• Higher productivity
• Lower manufacturing cost
• -63dBc CSO 79 Channels @ +39dBmV/ch
• -64dBc CTB 79 Channels @ +39dBmV/ch
• -57dBc XMD 79 Channels @ +39dBmV/ch
• Low Noise Figure
• Low Noise Amplifier for
CATV, Satellite
• Cable Modem
• FTTH (G-PON, GE-PON)
• Optical node
Description
AE617 is designed as low cost drive amplifiers for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75 ohm application. 50 ohm data is in a separate spec sheet.
Specifications
PARAMETER
UNIT
MIN
TYP
MAX
Condition
Frequency
MHz
50 ~ 1000
Gain
dB
20
22
Input Return Loss
dB
-22
Output Return Loss
dB
-17
Output IP3
dBm
38
41
At 500MHz/10dBm 2tone
1dB Compression Point
dBm
25
28
At 500MHz
Noise Figure
dB
2.3
3.5
CSO
dBc
-63
-58
79 channel, +39dBmV/ch
CTB
30 ~ 870MHz
dBc
-64
-59
79 channel, +39dBmV/ch
XMOD
dBc
-57
-52
79 channel, +39dBmV/ch
DC Current
mA
260
Vdd = 8.0V
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
+8
+9
Operating Temperature
℃
-40
+85
Storage Temperature
℃
-40
+150
NOTE
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25 , Vdd=
℃
8V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz, Test Freq = 500MHz
Package : SOIC-8


Similar Part No. - AE617

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
AE611PYA102MSZ COILCRAFT-AE611PYA102MSZ Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
AE611PYA152MSZ COILCRAFT-AE611PYA152MSZ Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
AE611PYA221MSZ COILCRAFT-AE611PYA221MSZ Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
AE611PYA222MSZ COILCRAFT-AE611PYA222MSZ Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
More results

Similar Description - AE617

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD311 RFHIC-AD311 Datasheet
269Kb / 6P
E-pHEMT MMIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
E-pHEMT MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com