Electronic Components Datasheet Search
  English  ▼

X  

AE617 Datasheet(PDF) 2 Page - RFHIC

Part # AE617
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE617 Datasheet(HTML) 2 Page - RFHIC

  AE617 Datasheet HTML 1Page - RFHIC AE617 Datasheet HTML 2Page - RFHIC AE617 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E6
61
17
7
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
◎ Application Circuit: 50MHz ~ 1000MHz, 75ohm System
◎ Typical RF Performance: VDD=8V, IDS=260mA, T=25℃, 75ohm System
0.2
0.4
0.6
0.8
1.0
0.0
1.2
5
10
15
20
0
25
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
◎ Multi-Tone Test 79CH_FLAT@Output Power +39dBmV/Ch
Level: +39dBmV
Tilt: 79CH_FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
57.4
64.9
64.9
84.6
83.6
87.9
56
72.5
72.8
54
211.25
57.9
65.4
65.4
85.2
76.4
77.1
212.5
72.2
72.4
209.99
331.25
58.2
64.5
64.5
84
70.6
70.8
332.49
71
71.2
329.99
445.25
58.2
65.4
65.4
84.9
67.8
67.8
446.49
75.1
75.6
444
547.25
58.8
66.9
67
82.8
63.1
63.1
548.5
73.7
74.2
546.49
Min
57.4
64.5
64.5
82.8
63.1
63.1
56
71
71.2
54
Max
58.8
66.9
67
85.2
83.6
87.9
548.5
75.1
75.6
546.49
S21
S11
S22
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com