Electronic Components Datasheet Search
  English  ▼

X  

TAS5613 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments TAS5613 Datasheet HTML 10Page - Texas Instruments TAS5613 Datasheet HTML 11Page - Texas Instruments TAS5613 Datasheet HTML 12Page - Texas Instruments TAS5613 Datasheet HTML 13Page - Texas Instruments TAS5613 Datasheet HTML 14Page - Texas Instruments TAS5613 Datasheet HTML 15Page - Texas Instruments TAS5613 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
0
50
100
150
200
250
18
20
22
24
26
28
30
32
34
36
PVDD-SupplyVoltage-V
6 W
8 W
T =75°C,
THD+N=10%
C
3 W
4 W
0.001
0.01
0.1
1
10
0.01
1
100
P
-OutputPower-W
O
3 W
4 W
6 W
8 W
T =75°C
C
0.1
10
1000
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
2ChannelOutputPower-W
4 W
6 W
8 W
T =25°C
THD+N=10%
C
18
20
22
24
26
28
30
32
34
36
PVDD-SupplyVoltage-V
3 W
4 W
6 W
8 W
T =75°C
C
0
50
100
150
200
TAS5613
SLAS676 – NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com