Electronic Components Datasheet Search
  English  ▼

X  

TAS5713PHP Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS5713PHP
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5713PHP Datasheet HTML 39Page - Texas Instruments TAS5713PHP Datasheet HTML 40Page - Texas Instruments TAS5713PHP Datasheet HTML 41Page - Texas Instruments TAS5713PHP Datasheet HTML 42Page - Texas Instruments TAS5713PHP Datasheet HTML 43Page - Texas Instruments TAS5713PHP Datasheet HTML 44Page - Texas Instruments TAS5713PHP Datasheet HTML 45Page - Texas Instruments TAS5713PHP Datasheet HTML 46Page - Texas Instruments TAS5713PHP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
Table 4. Serial Control Interface Register Summary (continued)
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x72
ch1 right_channel mixer
4
u[31:26], right_mix1[25:0]
0x0000 0000
0x73
ch1 left_channel_mixer
4
u[31:26], left_mix_1[25:0]
0x0080 0000
0x74
ch2 inline mixer
4
u[31:26], in_mix2[25:0]
0x0080 0000
0x75
inline_DRC_en_mixer_ch2
4
u[31:26], in_mixdrc_2[25:0]
0x0000 0000
0x76
ch2 left_chanel mixer
4
u[31:26], left_mix1[25:0]
0x0000 0000
0x77
ch2 right_channel_mixer
4
u[31:26], right_mix_1[25:0]
0x0080 0000
0x78–0xF7
Reserved(3)
0xF8
Update dev address key
4
Dev Id Update Key[31:0] (Key = 0xF9A5A5A5)
0x0000 0000
0xF9
Update dev address reg
4
u[31:8],New Dev Id[7:0] (New Dev Id = 0x38 for
0x0000 0036
TAS5713)
0xFA–0xFF
4
Reserved(3)
0x0000 0000
All DAP coefficients are 3.23 format unless specified otherwise.
Registers 0x3B through 0x46 should be altered only during the initialization phase.
CLOCK CONTROL REGISTER (0x00)
The clocks and data rates are automatically determined by the TAS5713. The clock control register contains the
autodetected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency.
Table 5. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
Reserved(1)
0
1
0
–
–
–
–
–
Reserved(1)
0
1
1
–
–
–
–
–
fS = 44.1/48-kHz sample rate
(2)
1
0
0
–
–
–
–
–
fS = 16-kHz sample rate
1
0
1
–
–
–
–
–
fS = 22.05/24-kHz sample rate
1
1
0
–
–
–
–
–
fS = 8-kHz sample rate
1
1
1
–
–
–
–
–
fS = 11.025/12-kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(3)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
(4)
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(2) (5)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
–
–
–
1
1
0
–
–
Reserved(1)
–
–
–
1
1
1
–
–
Reserved(1)
–
–
–
–
–
–
0
–
Reserved(1)
–
–
–
–
–
–
–
0
Reserved(1)
(1)
Reserved registers should not be accessed.
(2)
Default values are in bold.
(3)
Only available for 44.1-kHz and 48-kHz rates
(4)
Rate only available for 32/44.1/48-KHz sample rates
(5)
Not available at 8 kHz
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com