Electronic Components Datasheet Search
  English  ▼

X  

TAS5713PHP Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5713PHP
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5713PHP Datasheet HTML 9Page - Texas Instruments TAS5713PHP Datasheet HTML 10Page - Texas Instruments TAS5713PHP Datasheet HTML 11Page - Texas Instruments TAS5713PHP Datasheet HTML 12Page - Texas Instruments TAS5713PHP Datasheet HTML 13Page - Texas Instruments TAS5713PHP Datasheet HTML 14Page - Texas Instruments TAS5713PHP Datasheet HTML 15Page - Texas Instruments TAS5713PHP Datasheet HTML 16Page - Texas Instruments TAS5713PHP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
t
w(RESET)
RESET
t
d(I2C_ready)
SystemInitialization.
EnableviaI C.
2
T0421-01
I C Active
2
I C Active
2
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
RESET TIMING (RESET)
Control signal parameters over recommended operating conditions (unless otherwise noted). Please refer to Recommended
Use Model section on usage of all terminals.
PARAMETER
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
100
μs
td(I2C_ready)
Time to enable I2C
12.0
ms
NOTES: On power up, it is recommended that the TAS5713 RESET be held LOW for at least 100
μs after DVDD has
reached 3 V.
If RESET is asserted LOW while PDN is LOW, then RESET must continue to be held LOW for at least 100
μs after
PDN is deasserted (HIGH).
Figure 5. Reset Timing
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com