Electronic Components Datasheet Search
  English  ▼

X  

2AM2121S Datasheet(PDF) 9 Page - RFHIC

Part # 2AM2121S
Description  Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2AM2121S Datasheet(HTML) 9 Page - RFHIC

  2AM2121S Datasheet HTML 1Page - RFHIC 2AM2121S Datasheet HTML 2Page - RFHIC 2AM2121S Datasheet HTML 3Page - RFHIC 2AM2121S Datasheet HTML 4Page - RFHIC 2AM2121S Datasheet HTML 5Page - RFHIC 2AM2121S Datasheet HTML 6Page - RFHIC 2AM2121S Datasheet HTML 7Page - RFHIC 2AM2121S Datasheet HTML 8Page - RFHIC 2AM2121S Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
V
Va
ar
riia
ab
blle
e G
Ga
aiin
n
Amplifier
2
2A
AM
M S
Se
er
riie
ess
▪ Tel : 82-31-250-5011
Page 9/9
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
※
There is no need for users to program the MCU chip on the control board.
You can easily evaluate the variable gain amplifier providing voltage to the evaluation board and toggling the switches on the control board.
PCB Evaluation Board
No
Description
1
2nd-Amp. Power supply
(Vd2=5v)
2
1st-Amp. Power supply
(Vd1=5v)
3,4,11
GND
5
Serial interface data input (Data)
6
Serial interface clock input
(Clock)
7
Latch Enable input (Latch)
8,9
Attenuator Power supply
& Control board supply
(Vd3=3v)
10
Serial mode select
(Vdc=3V)
Attenuation Control Board
No
Description
1
Serial interface port
Connect port A to port B
2
RS232
communication port
S/W downloading
(Only RFHIC use)
3
Attenuation control switch
Select 1 = 0.5dB
Select 2 = 1dB
Select 3 = 2dB
Select 4 = 4dB
Select 5 = 8dB
Select 6 = 16dB
①
②
③
③ ② ①
④ ⑤ ⑥ ⑦ ⑧
⑨ ⑩ ⑪
Control port A
Control port B
Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com