Electronic Components Datasheet Search
  English  ▼

X  

2AM2121S Datasheet(PDF) 6 Page - RFHIC

Part # 2AM2121S
Description  Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2AM2121S Datasheet(HTML) 6 Page - RFHIC

  2AM2121S Datasheet HTML 1Page - RFHIC 2AM2121S Datasheet HTML 2Page - RFHIC 2AM2121S Datasheet HTML 3Page - RFHIC 2AM2121S Datasheet HTML 4Page - RFHIC 2AM2121S Datasheet HTML 5Page - RFHIC 2AM2121S Datasheet HTML 6Page - RFHIC 2AM2121S Datasheet HTML 7Page - RFHIC 2AM2121S Datasheet HTML 8Page - RFHIC 2AM2121S Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
V
Va
ar
riia
ab
blle
e G
Ga
aiin
n
Amplifier
2
2A
AM
M S
Se
er
riie
ess
▪ Tel : 82-31-250-5011
Page 6/9
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
MSB
LSB
tCS
tCH
tES
tEW
Ta = 25℃, Vd3 = +3Vdc, Pin 8 = +3Vdc
PARAMETER
MIN
TYP
MAX
UNIT
Serial data clock frequency
10
MHz
Logic High Input : VH (pins 2, 3, 4)
0.7xVd3
V
Logic Low Input : VL (pins 2, 3, 4)
0.3xVd3
V
Data to Clock Set Up Time : tCS
10
ns
Data to Clock Hold Time : tCH
10
ns
Clock Pulse Width High : tCWH
30
ns
Clock Pulse Width Low : tCWL
30
ns
Clock to Load Enable Set Up Time : tES
10
ns
Load Enable Pulse Width : tEW
30
ns
16
8
4
2
1
0.5
Attenuation State
0
0
0
0
0
0
Reference Loss
0
0
0
0
0
1
0.5dB
0
0
0
0
1
0
1dB
0
0
0
1
0
0
2dB
0
0
1
0
0
0
4dB
0
1
0
0
0
0
8dB
1
0
0
0
0
0
16dB
Serial Data Input Timing
6-bit Program Registor Map
Digital Interface Specification
Truth Table
DATA
CLOCK
LE
LSB
MSB
B5
C16
B4
C8
B3
C4
B2
C2
B1
C1
B0
C0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com