Electronic Components Datasheet Search
  English  ▼

X  

AP230SO8 Datasheet(PDF) 1 Page - RFHIC

Part # AP230SO8
Description  MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230SO8 Datasheet(HTML) 1 Page - RFHIC

  AP230SO8 Datasheet HTML 1Page - RFHIC AP230SO8 Datasheet HTML 2Page - RFHIC AP230SO8 Datasheet HTML 3Page - RFHIC AP230SO8 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M
MM
MIIC
C
A
AP
P2
23
30
0S
SO
O8
8
Product Features
Application
• 50 ~ 2000 MHz
• GaAs MMIC
• 38dBm Output IP3
• 17dB Gain
• 21dBm P1dB
• Single +5V Supply
• CDMA,W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
• 50Ω Telecommunication Systems
Description
AP230SO8 is a high linearity amplifier designed with GaAs MMIC. AP230SO8 is designed for applications such as GSM,
CDMA, W-CDMA driver devices which require high IP3. AP230SO8 is in 8 pin, SOIC-8 package.
ELECTRICAL CHARACTERISTICS
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+6
RF Input Power
dBm
+10
Storage Temperature
℃
-40
+125
Package : SOIC-8
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
50
2000
Device Voltage
VDC
+5
+5.3
Operational Temperature
℃
-40
+85
Electrical Specifications
(Ta=+25℃, VDD=+5V, Fc=880 MHz )
PARAMETER
UNIT
MIN
TYP
MAX
Gain
dB
16
17.4
Input Return Loss
dB
-23
Output Return Loss
dB
-20
Output IP3
dBm
+36
+38
1dB Compression Point
dBm
+21
Noise Figure
dB
3.3
DC Current
mA
250
270
Supply Voltage
VDC
+5
Thermal Resistance(Rth)
℃/W
57.5
OIP3 is measured with two tones, at an output power of 5dBm/tone separated by 1MHz
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3


Similar Part No. - AP230SO8

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP230 RFHIC-AP230 Datasheet
320Kb / 4P
MMIC
logo
A POWER MICROELECTRONIC...
AP2300AI APME-AP2300AI Datasheet
774Kb / 7P
20V N-Channel Enhancement Mode MOSFET
AP2300BI APME-AP2300BI Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
AP2300GN-HF VBSEMI-AP2300GN-HF Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
More results

Similar Description - AP230SO8

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
MMIC
August, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com