Electronic Components Datasheet Search
  English  ▼

X  

AP230SO8 Datasheet(PDF) 2 Page - RFHIC

Part # AP230SO8
Description  MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230SO8 Datasheet(HTML) 2 Page - RFHIC

  AP230SO8 Datasheet HTML 1Page - RFHIC AP230SO8 Datasheet HTML 2Page - RFHIC AP230SO8 Datasheet HTML 3Page - RFHIC AP230SO8 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M
MM
MIIC
C
A
AP
P2
23
30
0S
SO
O8
8
Application Circuit (900MHz)
S-Parameter vs. Frequency
OIP3 vs. Frequency
-40
-30
-20
-10
0
10
20
800
840
880
920
960
1000
Fr e q u e n c y (M H z )
25
30
35
40
45
800
840
880
920
960
1000
Fr e q u e n c y (M H z )
Noise Figure vs. Frequency
P1dB vs. Frequency
0
2
4
6
8
800
840
880
920
960
1000
Fr e q u e n c y ( M H z )
5
10
15
20
25
800
840
880
920
960
1000
Fr e q u e n c y (M H z )
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com