Electronic Components Datasheet Search
  English  ▼

X  

2N4347 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N4347
Description  HIGH POWER INDUSTRIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4347 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N4347 Datasheet HTML 1Page - Comset Semiconductor 2N4347 Datasheet HTML 2Page - Comset Semiconductor 2N4347 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
COMSET SEMICONDUCTORS
3/3
2N3442
2N4347
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
IC=2.0 Adc, VCE=4.0 Vdc
--
2.0
IC=5.0 Adc, VCE=4.0 Vdc
2N4347
--
3.0
IC=3.0 Adc, VCE=4.0 Vdc
--
1.7
VBE(on)
Base-Emitter Voltage
IC=10 Adc, VCE=4.0 Vdc
2N3442
--
5.7
Vdc
VCE=4.0 Vdc, IC=0.5 Adc, f=1.0
kHz
2N4347
40
-
-
hfe
Small Signal Current Gain
VCE=4.0 Vdc, IC=2.0 Adc, f=1.0
kHz
2N3442
12
-
72
-
VCE=4.0 Vdc, IC=0.5 Adc, ftest =
50 kHz
2N4347 200
-
-
fT
Current Gain – Bandwith
Product (2)
VCE=4.0 Vdc, IC=2.0 Adc, ftest =
40 kHz
2N3442
80
-
-
kHz
VCE=67 Vdc, IC=1.5 Adc
2N4347 1.0
-
-
Is/b
Second Breakdown
Collector Current
VCE=78 Vdc, IC=1.5 Adc
2N3442 1.0
-
-
s
(1) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(2) fT = |hfe| * ftest
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com