Electronic Components Datasheet Search
  English  ▼

X  

2N3791 Datasheet(PDF) 5 Page - Comset Semiconductor

Part # 2N3791
Description  EPITAXIAL-BASE NPN - PNP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3791 Datasheet(HTML) 5 Page - Comset Semiconductor

  2N3791 Datasheet HTML 1Page - Comset Semiconductor 2N3791 Datasheet HTML 2Page - Comset Semiconductor 2N3791 Datasheet HTML 3Page - Comset Semiconductor 2N3791 Datasheet HTML 4Page - Comset Semiconductor 2N3791 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
COMSET SEMICONDUCTORS
5/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
hfe
Small Signal Current Gain
VCE=10 V, IC=0.5 A, f=1.0 kHz
2N3713
2N3714
2N3715
2N3716
25
-
250
-
|hfe|
Small Signal
VCE=10 V, IC=0.5 A, f=1.0 MHz
2N3713
2N3714
2N3715
2N3716
4-4
-
(1) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(2) These parameters are measured with voltage sensing contacts separate from the current carrying
contacts
For PNP types current and voltage values are negative.
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com