Electronic Components Datasheet Search
  English  ▼

X  

2N3791 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # 2N3791
Description  EPITAXIAL-BASE NPN - PNP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3791 Datasheet(HTML) 4 Page - Comset Semiconductor

  2N3791 Datasheet HTML 1Page - Comset Semiconductor 2N3791 Datasheet HTML 2Page - Comset Semiconductor 2N3791 Datasheet HTML 3Page - Comset Semiconductor 2N3791 Datasheet HTML 4Page - Comset Semiconductor 2N3791 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
COMSET SEMICONDUCTORS
4/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N3713
2N3714
2N3789
2N3790
25
-
90
2N3715
2N3716
50
-
150
IC=1.0 A, VCE=2.0 V
2N3791
2N3792
50
-
180
2N3713
2N3714
2N3789
2N3790
15
-
-
IC=3.0 A, VCE=2.0 V
2N3715
2N3716
2N3791
2N3792
30
-
-
hFE
DC Current Gain (1) (2)
IC=10 A, VCE=4.0 V
2N3713
2N3714
2N3715
2N3716
2N3789
2N3790
2N3791
2N3792
5.0
-
-
-
2N3713
2N3714
2N3791
2N3792
--
1.0
IC=5.0 A, IB=0.5 A
2N3715
2N3716
--
0.8
VCE(SAT)
Collector-Emitter saturation
Voltage (1) (2)
IC=4.0 Adc, IB=0.5 Adc
2N3789
2N3790
--
1.0
V
2N3713
2N3714
2N3789
2N3790
--
2.0
VBE(SAT)
Base-Emitter Saturation
Voltage (1) (2)
IC=5.0 Adc, IB=0.5 Adc
2N3715
2N3716
2N3791
2N3792
--
1.5
V
2N3713
2N3714
--
2.0
IC=5.0 Adc, VCE=2.0 Vdc
2N3715
2N3716
--
1.8
VBE
Base-Emitter Voltage (1) (2)
IC=10 A, VCE=4.0 V
2N3713
2N3714
2N3715
2N3716
--
4.0
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com