Electronic Components Datasheet Search
  English  ▼

X  

2N6052 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N6052
Description  POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6052 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N6052 Datasheet HTML 1Page - Comset Semiconductor 2N6052 Datasheet HTML 2Page - Comset Semiconductor 2N6052 Datasheet HTML 3Page - Comset Semiconductor 2N6052 Datasheet HTML 4Page - Comset Semiconductor 2N6052 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCE= VCEX =60 V, VBE=-1.5 V
2N6050
2N6057
-
-
VCE= VCEX =80 V, VBE=-1.5 V
2N6051
2N6058
-
-
VCE= VCEX =100 V,
VBE=-1.5 V
2N6052
2N6059
-
-
500
µA
VCE= VCEX =60 V, VBE=-1.5 V
TC=150°C
2N6050
2N6057
-
-
VCE= VCEX =80 V, VBE=-1.5 V
TC=150°C
2N6051
2N6058
-
-
ICEX
Collector Cutoff Current
VCE= VCEX =100 V,
VBE=-1.5 V, TC=150°C
2N6052
2N6059
-
-
5
mA
VCE=30 Vdc, IB=0
2N6050
2N6057
-
-
VCE=40 Vdc, IB=0
2N6051
2N6058
-
-
ICEO
Collector Cutoff Current
VCE=50 Vdc, IB=0
2N6052
2N6059
-
-
1.0
mA
2N6050
2N6057
-
-
2N6051
2N6058
-
-
IEBO
Emitter Cutoff Current
VEB=5 V
2N6052
2N6059
-
-
2.0
mA
2N6050
2N6057
60
-
-
2N6051
2N6058
80
-
-
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=0.1 A
2N6052
2N6059
100
-
-
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com