Electronic Components Datasheet Search
  English  ▼

X  

2N6052 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # 2N6052
Description  POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6052 Datasheet(HTML) 4 Page - Comset Semiconductor

  2N6052 Datasheet HTML 1Page - Comset Semiconductor 2N6052 Datasheet HTML 2Page - Comset Semiconductor 2N6052 Datasheet HTML 3Page - Comset Semiconductor 2N6052 Datasheet HTML 4Page - Comset Semiconductor 2N6052 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
2N6050
2N6057
2N6051
2N6058
IC=6 A, IB=24 mA
2N6052
2N6059
-
-
2.0
2N6050
2N6057
2N6051
2N6058
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=12 A, IB=120 mA
2N6052
2N6059
-
-
3.0
V
2N6050
2N6057
2N6051
2N6058
VBE(SAT)
Base-Emitter Saturation
Voltage (*)
IC=12 A, IB=120 mA
2N6052
2N6059
-
-
4
V
2N6050
2N6057
2N6051
2N6058
VBE(ON)
Base-Emitter Voltage (*)
IC=6 A, VCE=3 V
2N6052
2N6059
-
-
2.8
V
2N6050
2N6057
2N6051
2N6058
fT
Transition Frequency
IC=5 A, VCE=3 V, f=1 MHz
2N6052
2N6059
4
-
-
MHz
2N6050
2N6057
2N6051
2N6058
VCE=3 V, IC=6.0 A
2N6052
2N6059
750
-
18000
-
2N6050
2N6057
2N6051
2N6058
hFE
DC Current Gain (*)
VCE=3.0 V, IC=12 A
2N6052
2N6059
100
-
-
! ! ! For PNP types current and voltage values are negative ! ! !
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com