Electronic Components Datasheet Search
  English  ▼

X  

2N6250 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6250
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6250 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6250 Datasheet HTML 1Page - Comset Semiconductor 2N6250 Datasheet HTML 2Page - Comset Semiconductor 2N6250 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2
/3
2N6249 – 2N6250 – 2N6251
2N6249
2N6250
@ TC = 25°
2N6251
175
2N6249
2N6250
@ TC = 100°
2N6251
100
Watts
2N6249
2N6250
Pt
Total Power Dissipation
Derate
above
25°
(1)
2N6251
1.0
W/°C
2N6249
2N6250
TJ
Junction Temperature (1)
2N6251
-65 to +200
°C
2N6249
2N6250
Tstg
Storage Temperature (1)
2N6251
-65 to +200
°C
(1) This data guaranteed in addition to JEDEC registered data.
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N6249
2N6250
RthJC
Thermal Resistance, Junction to Case
2N6251
1°C/W
2N6249
2N6250
TL
Maximum Lead Temperature for Soldering
Purposes : 1/8’’ from Case for 5 Secondes
2N6251
275
°C
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N6249 200
-
-
2N6250 275
-
-
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
IC=200 mAdc, IB=0
2N6251 350
-
-
Vdc
2N6249 225
-
-
2N6250 300
-
-
VCER(SUS)
Collector-Emitter
Sustaining Voltage
IC=0.2 Adc,
RBE=50Ω
2N6251 375
-
-
V
VCE=150 Vdc, IB=0
2N6249
--
5.0
VCE=225 Vdc, IB=0
2N6250
--
5.0
ICEO
Collector-Emitter Current
VCE=300 Vdc, IB=0
2N6251
--
5.0
mAdc
VCE=225 Vdc, VEB(off)=1.5 Vdc
--
5.0
VCE=225 Vdc, VEB(off)=1.5 Vdc,
TC = 150°C
2N6249
--
10
VCE=300 Vdc, VEB(off)=1.5 Vdc
--
5.0
VCE=300 Vdc, VEB(off)=1.5 Vdc,
TC = 150°C
2N6250
--
10
VCE=375 Vdc, VEB(off)=1.5 Vdc
--
5.0
ICEX
Collector Cutoff Current
VCE=375 Vdc, VEB(off)=1.5 Vdc,
TC = 150°C
2N6251
--
10
mAdc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com