Electronic Components Datasheet Search
  English  ▼

X  

2N6250 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N6250
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6250 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N6250 Datasheet HTML 1Page - Comset Semiconductor 2N6250 Datasheet HTML 2Page - Comset Semiconductor 2N6250 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
COMSET SEMICONDUCTORS
3
/3
2N6249 – 2N6250 – 2N6251
2N6249
2N6250
IEBO
Emitter Cutoff Current
VBE=6.0 Vdc, IC=0
2N6251
--
1.0
mAdc
2N6249 5.8
-
-
2N6250 5.8
-
-
Is/b
Ssecond Breakdown
Collector Current with
base forward biased
t=1.0S non-repetitive
VCE=30 Vdc
2N6251 5.8
-
-
Vdc
2N6249 2.5
-
-
2N6250 2.5
-
-
Es/b
Ssecond Breakdown
Energy with base reverse
biased t=1.0S non-
repetitive
IC= 10 A, VBE(off) = 4.0Vdc,
L = 50 µH
2N6251 2.5
-
-
mJ
2N6249
10
-
50
2N6250 8.0
-
50
hFE
DC Current Gain
IC=10 Adc, VCE=3.0 Vdc
2N6251 6.0
-
50
-
IC=10 Adc, IB=1 Adc
2N6249
--
1.5
IC=10 Adc, IB=1.25 Adc
2N6250
--
1.5
VCE(SAT)
Collector-Emitter
saturation Voltage (1)
IC=10 Adc, IB=1.67 Adc
2N6251
--
1.5
Vdc
IC=10 Adc, IB=1 Adc
2N6249
--
2.5
IC=10 Adc, IB=1.25 Adc
2N6250
--
2.5
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=10 Adc, IB=1.67 Adc
2N6251
--
2.5
Vdc
(1) Mesured on a curve tracer (60 Hz full-wave rectified sine wave ).
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
fT
Current Gain – Bandwith
Product
VCE=10 Vdc, IC=1.0 Adc,
ftest = 1.0 Mhz
2.5
-
-
MHz
VCC= 200 Vdc, IC= 10 A, Duty Cycle <= 2.0% tp= 100 µs
tr
Rise Time
IB1 = IB2=1.0 Adc
2N6259
--
2.0
ts
Storage Time
IB1 = IB2=1.25 Adc
2N6250
--
3.5
tf
Fall Time
IB1 = IB2=1.67 Adc
2N6251
--
1.0
µs
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com