Electronic Components Datasheet Search
  English  ▼

X  

BD131 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD131
Description  SILICON PLANAR EPITAXIAL POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD131 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD131 Datasheet HTML 1Page - Comset Semiconductor BD131 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1
The BD132are PNN transistors mounted in Jedec TO-126 plastic package.
Medium power applications.
NPN complements are BD131 .
SILICON PLANAR EPITAXIAL POWER
TRANSISTORS
PNP BD132
NPN BD131
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
-VCEO
Collector-Emitter Voltage
45
V
-VCBO
Collector-Base Voltage
45
V
-VEBO
Emitter-Base Voltage
4
V
Symbol
Ratings
Value
Unit
-IC
3
IC
Collector Current
-ICM
6
A
Base current (peak value)
-IBM
0.5
IB
Reverse base current (peak value)
+IBM
0.5
A
PT
Total power Dissipation
@ Tmb = 60°C
15
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to mouting base
6
K/W


Similar Part No. - BD131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
Inchange Semiconductor ...
BD131 ISC-BD131 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BD131 SAVANTIC-BD131 Datasheet
108Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD131 COMSET-BD131 Datasheet
62Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Savantic, Inc.
BD131 SAVANTIC-BD131 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD131

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BDX35 COMSET-BDX35 Datasheet
219Kb / 4P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD135 COMSET-BD135 Datasheet
73Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 COMSET-BD131_12 Datasheet
62Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD132 COMSET-BD132_12 Datasheet
63Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD136 COMSET-BD136 Datasheet
74Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS.
logo
New Jersey Semi-Conduct...
BDX35 NJSEMI-BDX35 Datasheet
108Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com