Electronic Components Datasheet Search
  English  ▼

X  

BD643 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BD643
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD643 Datasheet(HTML) 3 Page - Comset Semiconductor

  BD643 Datasheet HTML 1Page - Comset Semiconductor BD643 Datasheet HTML 2Page - Comset Semiconductor BD643 Datasheet HTML 3Page - Comset Semiconductor BD643 Datasheet HTML 4Page - Comset Semiconductor BD643 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD643/645/647/649/651
Page 3 of 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BD643
BD645
BD647
BD649
IE=0,VCB =VCEOMAX
BD651
-
-
0.1
mA
BD643
BD645
BD647
BD649
ICBO
Collector Cutoff Current
IE=0,VCB =1/2 VCBOMAX,
TJ=150°C
BD651
-
-
1
mA
BD643
BD645
BD647
BD649
ICEO
Collector Cutoff Current
IE=0, VCE =1/2 VCEOMAX
BD651
-
-
0.2
mA
BD643
BD645
BD647
BD649
IEBO
Emitter Cutoff Current
VEB=5 V, IC=0
BD651
-
-
5.0
mA
BD643
-
-
2
BD645
-
-
-
BD647
-
-
-
BD649
-
-
-
IC=4 A, IB=16 mA
BD651
-
-
-
BD643
-
-
-
BD645
-
-
2
BD647
-
-
2
BD649
-
-
2
IC=3 A, IB=12 mA
BD651
-
-
2
BD643
-
-
2.5
BD645
-
-
2.5
BD647
-
-
2.5
BD649
-
-
2.5
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=5 A, IB=50 mA
BD651
-
-
2.5
V
BD643
BD645
BD647
BD649
VBE(SAT)
Base-Emitter Saturation
Voltage (*)
IC=12 A, IB=50 mA
BD651
-
-
3
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com