Electronic Components Datasheet Search
  English  ▼

X  

BD643 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BD643
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD643 Datasheet(HTML) 4 Page - Comset Semiconductor

  BD643 Datasheet HTML 1Page - Comset Semiconductor BD643 Datasheet HTML 2Page - Comset Semiconductor BD643 Datasheet HTML 3Page - Comset Semiconductor BD643 Datasheet HTML 4Page - Comset Semiconductor BD643 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BD643/645/647/649/651
Page 4 of 5
SEMICONDUCTORS
Symbol
Ratings
Value
Unit
BD643
-
-
2.5
BD645
-
-
-
BD647
-
-
-
BD649
-
-
-
IC=4 A, VCE=3 V
BD651
-
-
-
BD643
-
-
-
BD645
-
-
2.5
BD647
-
-
2.5
BD649
-
-
2.5
VBE
Base-Emitter Voltage (*)
IC=3 A, VCE=3 V
BD651
-
-
2.5
V
BD643
-
-
BD645
-
-
BD647
-
-
BD649
-
-
VCE=3.0 V, IC=0.5 A
BD651
-
1900
-
BD643
750
-
-
BD645
-
-
-
BD647
-
-
-
BD649
-
-
-
VCE=3.0 V, IC=4 A
BD651
-
-
-
BD643
-
-
-
BD645
-
-
BD647
-
-
BD649
-
-
VCE=3.0 V, IC=3 A
BD651
750
-
-
BD643
-
-
BD645
-
-
BD647
-
-
BD649
-
-
hFE
DC Current Gain (*)
VCE=3.0 V, IC=8 A
BD651
-
1800
-
-
BD643
10
-
-
BD645
-
-
-
BD647
-
-
-
BD649
-
-
-
VCE=3.0 V, IC=4 A, f=1MHz
BD651
-
-
-
BD643
-
-
-
BD645
10
-
-
BD647
10
-
-
BD649
10
-
-
hfe
Small Signal Current Gain
VCE=3.0 V, IC=3 A, f=1MHz
BD651
10
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com