Electronic Components Datasheet Search
  English  ▼

X  

BD684 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD684
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD684 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD684 Datasheet HTML 1Page - Comset Semiconductor BD684 Datasheet HTML 2Page - Comset Semiconductor BD684 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
The BD683 is NPN eptaxial-base transistors in monolithic Darlington circuit for audio
and video applications.
They are mounted in Jedec TO-126 plastic package.
PNP complement is BD684.
SILICON DARLINGTON POWER
TRANSISTORS
NPN BD683
PNP BD684
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
120
V
VCBO
Collector-Base Voltage
140
V
VEBO
Emitter-Base Voltage
5V
IC
4
IC
Collector Current
ICM
6
A
IB
Base current (peak value)
IBM
0.1
A
PT
Total power Dissipation
@ Tmb = 25°C
40
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to mouting base
3.12
K/W
RthJ-a
Thermal Resistance, Junction to ambient in free air
100
K/W


Similar Part No. - BD684

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
Comset Semiconductor
BD684 COMSET-BD684 Datasheet
78Kb / 2P
SILICON DARLINGTON POWER TRANSISTORS
BD684 COMSET-BD684 Datasheet
72Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
Continental Device Indi...
BD684 CDIL-BD684 Datasheet
123Kb / 4P
PNP DARLIGNTON POWER SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BD684 NJSEMI-BD684 Datasheet
85Kb / 2P
SILICON DARLINGTON POWER TRANSISTORS
More results

Similar Description - BD684

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com