Electronic Components Datasheet Search
  English  ▼

X  

BD684 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD684
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD684 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD684 Datasheet HTML 1Page - Comset Semiconductor BD684 Datasheet HTML 2Page - Comset Semiconductor BD684 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
NPN BD683
PNP BD684
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Max Unit
IE=0 ,
VCB= VCEOMAX=120 V
--
0,2
ICBO
Collector cut-off current
IE=0 ,
VCB= 1/2VCBOMAX= 70V,Tj= 150°C
--
1
mA
ICEO
Collector cut-off current
IB=0 ,
VCE= 1/2VCEOMAX=60 V
--
0,2
mA
IEBO
Emitter cut-offcurrent
IC=0, VEB=5 V
--
5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage
IC=1.5 A, IB=6 mA
--
2,5
V
VCE=3 V, IC=500 mA
-
2200
-
VCE=3 V, IC=1,5 A
750
-
-
hFE
DC Current Gain
VCE=3 V, IC=4 A
-
1500
-
VBE
Base-Emitter Voltage(1&2)
VCE=3 V, IC=1,5 A
--
2,5
V
hfe
Small signal current gain
VCE=3 V, IC=1,5 A, f= 1 MHz
10
-
-
fhfe
Ut-off frequency
VCE=3 V, IC=1,5 A
-60
-
kHz
VF
Diode forward voltage
IF=1,5 A
I(SB)
Second-breakdown collector
current
VCE=50 V, tP= 20ms,non rep., without
heatsink
0,8
-
-
A
ton
Turn-on time
-
0,8
2
toff
Turn-off time
Icon= 1,5A, Ibon= -Iboff= 6mA, VCC=30V
-4,5
8
µs
1. Measured under pulse conditions :tP <300µs, δ <2%.
2. VBE decreases by about 3,6 mV/K with increasing temperature.
MECHANICAL DATA CASE TO-126
DIMENSIONS
mm
inches
min
max
min
max
A
7.4
7.8
0.295
0.307
B
10.5
10.8
0.413
0.425
C
2.4
2.7
0.094
0.106
D
0.7
0.9
0.027
0.035
E
2.2 typ.
0.087 typ.
F
0.49
0.75
0.019
0.029
G
4.4 typ.
0.173 typ.
H
2.54 typ.
0.100 typ.
L
15.7 typ.
0.618 typ.
M
1.2 typ.
0.047 typ.
N
3.8 typ.
0.149 typ.
P
3.0
3.2
0.118
0.126
Pin 1 :
Emitter
Pin 2 :
Collector
Pin 3 :
Base



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com