Electronic Components Datasheet Search
  English  ▼

X  

BDV67C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDV67C
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV67C Datasheet(HTML) 2 Page - Comset Semiconductor

  BDV67C Datasheet HTML 1Page - Comset Semiconductor BDV67C Datasheet HTML 2Page - Comset Semiconductor BDV67C Datasheet HTML 3Page - Comset Semiconductor BDV67C Datasheet HTML 4Page - Comset Semiconductor BDV67C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BDV67A, B, C, D
COMSET SEMICONDUCTORS
2/5
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDV67A
BDV67B
BDV67C
RthJ-mb
Thermal Resistance, Junction to
Mounting Base
BDV67D
0.625
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCE=40 V
BDV67A
-
-
VCE=50 V
BDV67B
-
-
VCE=60 V
BDV67C
-
-
ICEO
Collector Cutoff Current
VCE=75 V
BDV67D
-
-
3
mA
BDV67A
-
-
BDV67B
BDV67C
IEBO
Emitter Cutoff Current
VBE=5 V
BDV67D
5.0
mA
BDV67A
-
-
BDV67B
BDV67C
Tj=25°C, VCB= VCBO
BDV67D
1
BDV67A
-
-
BDV67B
BDV67C
ICBO
Collector-Base Cutoff
Current
Tj=150°C, VCB= VCBO
BDV67D
5
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com