Electronic Components Datasheet Search
  English  ▼

X  

BDV67C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDV67C
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV67C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDV67C Datasheet HTML 1Page - Comset Semiconductor BDV67C Datasheet HTML 2Page - Comset Semiconductor BDV67C Datasheet HTML 3Page - Comset Semiconductor BDV67C Datasheet HTML 4Page - Comset Semiconductor BDV67C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDV67A, B, C, D
COMSET SEMICONDUCTORS
3/5
Symbol
Ratings
Test Condition(s)
Min
Typ
M
x
Unit
VCE=3 V, IC=1 A
-
3000
-
VCE=3 V, IC=10 A
1000
-
-
hFE
DC Current Gain
VCE=3 V, IC=16 A
-
1000
-
-
BDV67A
BDV67B
BDV67C
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=40 mA
BDV67D
-
-
2
V
BDV67A
BDV67B
BDV67C
VBE
Base-Emitter Voltage(1&2)
VCE=3 V, IC=10 A
BDV67D
-
-
2,5
V
BDV67A
BDV67B
BDV67C
VF
Diode forward voltage
IF=10 A
BDV67D
-
-
3
V
BDV67A
BDV67B
BDV67C
Cc
IE=0 A, VCB=10V
BDV67D
-
300
-
pF
BDV67A
BDV67B
BDV67C
ton
BDV67D
-
1
-
BDV67A
BDV67B
BDV67C
toff
Switching times
VCC=12V, IC=-10 A
IB1=-IB2=0.04 A
BDV67D
-
3.5
-
µs
BDV67A
BDV67B
BDV67C
fhfe
VCE=-3 V, IC=-5 A
BDV67D
-
60
-
kHz
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com