Electronic Components Datasheet Search
  English  ▼

X  

BDX45 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX45
Description  SILICON PLANAR DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX45 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX45 Datasheet HTML 1Page - Comset Semiconductor BDX45 Datasheet HTML 2Page - Comset Semiconductor BDX45 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BDX45 – BDX46 – BDX47
NPN BDX42 – BDX43– BDX44
COMSET SEMICONDUCTORS
2/3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDX45
BDX46
RthJ-a
Thermal Resistance, Junction to Ambient
BDX47
100
BDX45
BDX46
RthJ-mb
Thermal Resistance, Junction to
Mounting base
BDX47
10
K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VBE = 0 ; -VCE = 45V
BDX45
-
-
10
VBE = 0 ; -VCE = 60V
BDX46
-
-
10
- ICES
Collector cut-off current
VBE = 0 ; -VCE = 80V
BDX47
-
-
10
µA
BDX45
-
-
10
BDX46
-
-
10
- IEBO
Emitter cut-off current
IC =0 ; VEB = 4V
BDX47
-
-
10
µA
BDX45
-
-
1.3
BDX46
-
-
1.3
-IC=500 mA, -IB=0.5 mA
BDX47
-
-
1.3
-IC=1.0 A, -IB=1.0 mA
BDX46
-
-
1.6
BDX45
-
-
1.6
-IC=1.0 A, -IB=4.0 mA
BDX47
-
-
1.6
BDX45
-
-
1.3
BDX46
-
-
1.3
-IC=500 mA, -IB=0.5 mA
Tj=150 °C
BDX47
-
-
1.3
-IC=1.0 A, -IB=1.0 mA
Tj=150 °C
BDX46
-
-
1.8
BDX45
-
-
1.6
- VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=1.0 A, -IB=4.0 mA
Tj=150 °C
BDX47
-
-
1.6
V
BDX45
-
-
1.9
BDX46
-
-
1.9
-IC=500 mA, -IB=0.5 mA
BDX47
-
-
1.9
-IC=1.0 A, -IB=1.0 mA
BDX46
-
-
2.2
BDX45
-
-
2.2
- VBE(SAT)
Base-Emitter saturation
Voltage (*)
-IC=1.0 A, -IB=4.0 mA
BDX47
-
-
2.2
V
BDX45
1000
-
-
BDX46
1000
-
-
-VCE=10.0 V, -IC=150 mA
BDX47
1000
-
-
BDX45
2000
-
-
BDX46
2000
-
-
hFE
DC Current Gain
-VCE=10.0 V, -IC=500 mA
BDX47
2000
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com