Electronic Components Datasheet Search
  English  ▼

X  

BDX45 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX45
Description  SILICON PLANAR DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX45 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX45 Datasheet HTML 1Page - Comset Semiconductor BDX45 Datasheet HTML 2Page - Comset Semiconductor BDX45 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PNP BDX45 – BDX46 – BDX47
NPN BDX42 – BDX43– BDX44
COMSET SEMICONDUCTORS
3/3
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
BDX45
-
10
-
BDX46
-
10
-
hfe
Small Signal Current Gain
-VCE=5.0 V, -IC=500 mA ,
f=35MHz
BDX47
-
10
-
-
BDX45
-
400
-
BDX46
-
400
-
ton
Turn-on time
BDX47
-
400
-
BDX45
-
1500
-
BDX46
-
1500
-
toff
Turn-off time
-IC=500 mA, -IBon= IBoff=0.5 mA
BDX47
-
1500
-
ns
BDX45
-
400
-
BDX46
-
400
-
ton
Turn-on time
BDX47
-
400
-
BDX45
-
1500
-
BDX46
-
1500
-
toff
Turn-off time
-IC=1 A, -IBon= IBoff=1.0 mA
BDX47
-
1500
-
ns
MECHANICAL DATA CASE TO-126
DIMENSIONS
mm
inches
min
max
min
max
A
7.4
7.8
0.295
0.307
B
10.5
10.8
0.413
0.425
C
2.4
2.7
0.094
0.106
D
0.7
0.9
0.027
0.035
E
2.2 typ.
0.087 typ.
F
0.49
0.75
0.019
0.029
G
4.4 typ.
0.173 typ.
H
2.54 typ.
0.100 typ.
L
15.7 typ.
0.618 typ.
M
1.2 typ.
0.047 typ.
N
3.8 typ.
0.149 typ.
P
3.0
3.2
0.118
0.126
Pin 1 :
Emitter
Pin 2 :
Collector
Case :
Base



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com