Electronic Components Datasheet Search
  English  ▼

X  

BFX89 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BFX89
Description  WIDE BAND VHF/UHF AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BFX89 Datasheet(HTML) 1 Page - Comset Semiconductor

  BFX89 Datasheet HTML 1Page - Comset Semiconductor BFX89 Datasheet HTML 2Page - Comset Semiconductor BFX89 Datasheet HTML 3Page - Comset Semiconductor BFX89 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BFX89
BFY90
COMSET SEMICONDUCTORS
1/4
• SILICON PLANAR EPITAXIAL TRANSISTORS
• TO-72 METAL CASE
• VERY LOW NOISE
APPLICATIONS :
• TELECOMMUNICATIONS
• WIDE BAND UHF AMPLIFIER
• RADIO COMMUNICATIONS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage ( IB = 0)
15
V
VCER
Collector-Emitter Voltage ( RBE
≤50Ω )
30
V
VCBO
Collector-Base Voltage ( IE= 0)
30
V
VEBO
Collector-Base Voltage ( IC = 0)
2.5
V
IC
Collector Current
25
mA
ICM
Collector Peak Current
50
mA
Ptot
Total Power Dissipation at Tamb
≤ 25 °C
200
mW
Tstg, Tj
Storage and Junction Temperature
-65 to 200
°C
The BFX89 and BFY90 are silicon planar epitaxial NPN transistors produced using
interdigitated base emitter geometry. They are particulary designed for use in wide
band common-emitter linear amplifiers up to 1 GHz. They feature very high fT, low
reverse capacitance, excellent cross modulation properties and very low noise
performance. The BFY90 is complementary to the BFR99A. Typical applications
include telecommunication and radio communication equipment.
WIDE BAND VHF/UHF AMPLIFIER


Similar Part No. - BFX89

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
Nov 1988
logo
Siemens Semiconductor G...
BFX89 SIEMENS-BFX89 Datasheet
60Kb / 3P
NPN SILICON TRANSISTOR FOR RF BROADBAND AMPLIFIER
logo
Central Semiconductor C...
BFX89 CENTRAL-BFX89 Datasheet
167Kb / 2P
NPN SILICON RF TRANSISTORS
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
79Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
More results

Similar Description - BFX89

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
Nov 1988
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
VHF~UHF WIDE BAND AMPLIFIER
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
VHF / UHF wide band amplifier
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com