Electronic Components Datasheet Search
  English  ▼

X  

BFX89 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BFX89
Description  WIDE BAND VHF/UHF AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BFX89 Datasheet(HTML) 3 Page - Comset Semiconductor

  BFX89 Datasheet HTML 1Page - Comset Semiconductor BFX89 Datasheet HTML 2Page - Comset Semiconductor BFX89 Datasheet HTML 3Page - Comset Semiconductor BFX89 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BFX89
BFY90
COMSET SEMICONDUCTORS
3/4
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
IC= 2mA , VCE= 5 V
f = 100KHz
Rg = Optimized
BFY90 Only
-
-
4
BFX89
-
3.3
4
IC= 2mA , VCE= 5 V
f= 200 MHz
Rg = Optimized
BFY90
-
2.5
3.5
BFX89
-
-
6.5
IC= 2mA , VCE= 5 V
f = 500 MHz
Rg = 50
Ω
BFY90
-
-
5
BFX89
-
7
-
NF(2)
Noise Figure
IC= 2mA , VCE= 5 V
f = 800 MHz
Rg = Optimized
BFY90
-
5.5
-
dB
f=200 MHz
19
22
-
For BFX89
IC= 8mA
VCE= 10 V
f=800 MHz
-
7
-
f=200 MHz
21
23
-
Gpe (2)
Power Gain ( not
neutralized)
For BFY90
IC= 14mA
VCE= 10 V
f=800 MHz
-
8
-
dB
(3) Channel 9
-
6
-
For BFX89
IC=8mA
VCE= 10 V
Dim = -30 dB
(4) Channel 62
-
6
(3) Channel 9
10
12
-
Po
Output Power
For BFY90
IC=14mA
VCE= 10 V
Dim = -30 dB
(4) Channel 62
-
12
-
mW
* IB = value for which IC =22 mA at VCE = 1V
(1) Shield lead not grounded
(3) fp = 202MHZ, fq = 205 MHZ, f(2q-p) = 208MHZ
(2) Shield lead grounded
(4) fp = 798MHZ, fq = 802 MHZ, f(2q-p) = 806MHZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com