Electronic Components Datasheet Search
  English  ▼

X  

BU911 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BU911
Description  HIGH VOLTAGE POWER DARLINGTON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BU911 Datasheet(HTML) 1 Page - Comset Semiconductor

  BU911 Datasheet HTML 1Page - Comset Semiconductor BU911 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
NPN BU911
The BU911 are high voltage, silicon NPN transistors in monolithic Darlington mounted in Jedec TO-220
plastic package.
They are designed for applications such as electronic ignition, DC and AD motor controls, solenoid
drivers, etc.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
400
V
VCES
Collector-Emitter Voltage (VBE=0)
450
V
VEBO
Emitter-Base Voltage
5V
IC
6A
IC
Collector Current
ICM
10
A
IB
Base Current
1A
PD
Total Device Dissipation
@ TC = 25°
60
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature range
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction to case
70
K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
ICEO
Collector Cutoff Current
VCE=400 V, IB=0V
--
1
mA
VCE=450 V, VBE=0
--
1
ICES
Collector Cutoff Current
VCE=450 V, VBE=0, TC=125°C
--
5
mA
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
--
5
mA
VCEO(sus)
Collector- Emitter sustaining
Voltage (1)
IC=100 mA
400
-
-
V
H
HIIG
GH
H V
VO
OL
LT
TA
AG
GE
E P
PO
OW
WE
ER
R D
DA
AR
RL
LIIN
NG
GT
TO
ON
N


Similar Part No. - BU911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU911 STMICROELECTRONICS-BU911 Datasheet
48Kb / 4P
MEDIUM VOLTAGE NPN IGNITION DARLINGTON
Jun-1997
logo
Inchange Semiconductor ...
BU911 ISC-BU911 Datasheet
105Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU911 SAVANTIC-BU911 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BU911 COMSET-BU911 Datasheet
98Kb / 3P
HIGH VOLTAGE POWER DARLINGTON
logo
Savantic, Inc.
BU911 SAVANTIC-BU911 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU808DFI STMICROELECTRONICS-BU808DFI Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU808DFP STMICROELECTRONICS-BU808DFP Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
logo
Fairchild Semiconductor
FJB102 FAIRCHILD-FJB102 Datasheet
159Kb / 5P
High Voltage Power Darlington Transistor
FJP9100 FAIRCHILD-FJP9100 Datasheet
70Kb / 5P
High Voltage Power Darlington Transistor
699440 FAIRCHILD-699440 Datasheet
80Kb / 5P
High Voltage Power Darlington Transistor
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_06 Datasheet
142Kb / 7P
NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
logo
Sunspirit Electronic Lt...
BU808DFI-LF SUNSPIRIT-BU808DFI-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
Comset Semiconductor
BU911 COMSET-BU911_12 Datasheet
98Kb / 3P
HIGH VOLTAGE POWER DARLINGTON
logo
First Components Intern...
2SD1088 FCI-2SD1088 Datasheet
173Kb / 3P
High Voltage Darlington Power Transistor
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com