Electronic Components Datasheet Search
  English  ▼

X  

BU911 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BU911
Description  HIGH VOLTAGE POWER DARLINGTON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BU911 Datasheet(HTML) 2 Page - Comset Semiconductor

  BU911 Datasheet HTML 1Page - Comset Semiconductor BU911 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
NPN BU911
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VF
Didode forward Voltage
IF=4 A
--
2.5
V
IC=2.5 A, IB=50 mA
--
1.8
VCE(SAT)
Collector-Emitter saturation
Voltage (1)
IC=4 A, IB=200 mA
--
1.8
V
IC=2.5 A, IB=50 mA
--
2.2
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=4 A, IB=200 mA
--
2.5
V
(1) Pulse conditions : tp < 300
µs, duty cycle =1.5%
NPN BU911
MECHANICAL DATA CASE TO-220
DIMENSIONS
mm
inches
A
9,86
0,39
B
15,73
0,62
C
13,37
0,52
D
6,67
0,26
E
4,44
0,17
F
4,21
0,16
G
2,99
0,11
H
17,21
0,68
L
1,29
0,05
M
3,6
0,14
N
1,36
0,05
P
0,46
0,02
R
2,1
0,08
S
5
0,19
T
2,52
0,098
U
0,79
0,03
Pin 1 :
base
Pin 2 :
Collector
Pin 3 :
emitter
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com