Electronic Components Datasheet Search
  English  ▼

X  

BUV23 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUV23
Description  POWER SWITCH APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUV23 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUV23 Datasheet HTML 1Page - Comset Semiconductor BUV23 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
NPN BUV23
IEBO
Emitter Cutoff Current
VEB=5.0 V, IC=0
--
1
mA
IC=8 A , VCE=4.0 V
15
-
60
hFE
DC Current Gain (1)
IC=16 A , VCE=4.0 V
8-
-
-
IC=8 A , IB=1.6 A
-0.2
0.8
VCE(SAT)
Collector-Emitter
saturation Voltage (1)
IC=16 A , IB=3.2 A
-0.35
1
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=16 A , IB=3.2 A
-
1.15
1.5
V
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
fT
Transition frequency
VCE=15 V , IC=2 A , f=10 MHz
8-
-
ton
Turn-on time
IC=16 A , IB=3.2 A
-
0.55
1.3
MHz
ts
Storage time
-
1.7
2.5
tf
File time
IC=16 A
IB1 = -IB2 =3.2 A
-
0.26
1.2
µs
(1) Pulse Duration = 300
µs, Duty Cycle <= 2%
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com