Electronic Components Datasheet Search
  English  ▼

X  

PD057VT1 Datasheet(PDF) 4 Page - AZ Displays

Part # PD057VT1
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT1 Datasheet(HTML) 4 Page - AZ Displays

  PD057VT1 Datasheet HTML 1Page - AZ Displays PD057VT1 Datasheet HTML 2Page - AZ Displays PD057VT1 Datasheet HTML 3Page - AZ Displays PD057VT1 Datasheet HTML 4Page - AZ Displays PD057VT1 Datasheet HTML 5Page - AZ Displays PD057VT1 Datasheet HTML 6Page - AZ Displays PD057VT1 Datasheet HTML 7Page - AZ Displays PD057VT1 Datasheet HTML 8Page - AZ Displays PD057VT1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PD057VT1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:4
1. Application
This data sheet applies to a color TFT LCD module, PD057VT1.
PD057VT1 module applies to OA product, car TV (must use Analog to Digital driving board),
which requires high quality flat panel display. If you must use in severe reliability
environment, please don’t extend over PVI’s reliability test conditions.
2. Features
. VGA (640*480 pixels) resolution
. Amorphous silicon TFT LCD panel with back-light unit
. Pixel in stripe configuration
. Thin and light weight
. Display Colors
262,144 colors
. TTL interface
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
5.7 (diagonal)
inch
Display Format
640 (R,G,B) 480
dot
Display Colors
262,144
Active Area
115.20 (H) 86.4 (V)
mm
Pixel Pitch
0.18(H) 0.18(V)
mm
Pixel Configuration
Stripe
Outline Dimension
144.0 (W) 104.6(H) 13.0 (D) (typ.)
mm
Weight
211 10
g
Back-light
36-LED
Surface treatment
Anti-glare + EWV film
Display mode
Normally white
Gray scale inversion direction
6 o’clock
[ref. to Note 12-1]
P-511-449(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com