Electronic Components Datasheet Search
  English  ▼

X  

PD057VT1 Datasheet(PDF) 8 Page - AZ Displays

Part # PD057VT1
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT1 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD057VT1 Datasheet HTML 4Page - AZ Displays PD057VT1 Datasheet HTML 5Page - AZ Displays PD057VT1 Datasheet HTML 6Page - AZ Displays PD057VT1 Datasheet HTML 7Page - AZ Displays PD057VT1 Datasheet HTML 8Page - AZ Displays PD057VT1 Datasheet HTML 9Page - AZ Displays PD057VT1 Datasheet HTML 10Page - AZ Displays PD057VT1 Datasheet HTML 11Page - AZ Displays PD057VT1 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PD057VT1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:8
7-2) Recommended Driving Condition for LED Back Light
Ta=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
LED voltage
VLED
-
-
(11)
V
Note 7-1
LED current
ILED
-
20
-
mA
Note 7-2
Back Light Power Consumption
PLED
-
-
2640
mW
Note 7-1
Note 7-3
Note 7-1
The ILED = 20 mA (Constant current)
Note 7-2
The LED driving condition is defined for each LED module. (3 LED Serial)
The input current= 20 mA*12=240 mA.
Note 7-3
PLED = VLED-1 * ILED-1 + VLED-2* ILED-2 ….. + VLED-11 * ILED-11+VLED-12 * ILED-12
7-3) Power Consumption
Parameters
Symbol
Typ.
Max.
Unit
Remark
+3.3V Current Dissipation
ICC
67
100
mA
LCD Panel Power Consumption
-
0.22
0.33
W
Note 7-4
Total Power Consumption
-
-
2.97
W
Note 7-4
The power consumption for back light is not included.
8. Pixel Arrangement
The LCD module pixel arrangement is stripe configuration.
640
478
479
480
Anode
Cathode
P-511-449(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com