Electronic Components Datasheet Search
  English  ▼

X  

MJ901 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJ901
Description  COMPLEMENTARY POWER DARLINGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ901 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJ901 Datasheet HTML 1Page - Comset Semiconductor MJ901 Datasheet HTML 2Page - Comset Semiconductor MJ901 Datasheet HTML 3Page - Comset Semiconductor MJ901 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ900 – MJ901 PNP
MJ1000 – MJ1001 NPN
Page 2 of 4
Symbol
Ratings
Value
Unit
MJ900
MJ1000
IB
Base Current
MJ901
MJ1001
0.1
Adc
@ TC < 25°
MJ900
MJ1000
90
Watts
PT
Power Dissipation
Derate above
25°C
MJ901
MJ1001
0.515
W/°C
MJ900
MJ1000
TJ
Junction Temperature
MJ901
MJ1001
MJ900
MJ1000
TS
Storage Temperature
MJ901
MJ1001
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
MJ900
MJ1000
RthJ-C
Thermal Resistance, Junction to Case
MJ901
MJ1001
1.94
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ900
MJ1000
60
-
-
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC=100 mAdc, IB=0
MJ901
MJ1001
80
-
-
Vdc
VCE=30 Vdc, IB=0
MJ900
MJ1000
-
-
ICEO
Collector Cutoff Current
VCE=40 Vdc, IB=0
MJ901
MJ1001
-
-
500
µAdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com