Electronic Components Datasheet Search
  English  ▼

X  

MJ901 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # MJ901
Description  COMPLEMENTARY POWER DARLINGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ901 Datasheet(HTML) 3 Page - Comset Semiconductor

  MJ901 Datasheet HTML 1Page - Comset Semiconductor MJ901 Datasheet HTML 2Page - Comset Semiconductor MJ901 Datasheet HTML 3Page - Comset Semiconductor MJ901 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ900 – MJ901 PNP
MJ1000 – MJ1001 NPN
Page 3 of 4
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ900
MJ1000
IEBO
Emitter Cutoff Current
VBE=5.0 Vdc, IC=0
MJ901
MJ1001
-
-
2.0
mAdc
VCB=60 V, RBE=1.0 k ohm
MJ900
MJ1000
-
-
VCB=80 V, RBE=1.0 k ohm
MJ901
MJ1001
-
-
1.0
VCB=60 V, RBE=1.0 k ohm,
TC=150°C
MJ900
MJ1000
-
-
ICER
Collector-Emitter Leakage
Current
VCB=80 V, RBE=1.0 k ohm,
TC=150°C
MJ901
MJ1001
-
-
5.0
mAdc
MJ900
MJ1000
IC=3.0 A, IB=12 mAdc
MJ901
MJ1001
-
-
2.0
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=8.0 A, IB=40 mAdc
MJ900
MJ1000
MJ901
MJ1001
-
-
4.0
Vdc
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ900
MJ1000
VF
Forward Voltage (pulse
method)
IF=3 A
MJ901
MJ1001
-
1.8
-
V
MJ900
MJ1000
VBE
Base-Emitter Voltage (*)
IC=3.0 Adc, VCE=3.0Vdc
MJ901
MJ1001
-
-
2.5
V
MJ900
MJ1000
VCE=3.0 Vdc, IC=3.0 Adc
MJ901
MJ1001
1000
-
-
MJ900
MJ1000
HFE
DC Current Gain (*)
VCE=3.0 Vdc, IC=4.0 Adc
MJ901
MJ1001
750
-
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
! ! ! For PNP types current and voltage values are negative ! ! !



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com