Electronic Components Datasheet Search
  English  ▼

X  

MJ3000 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJ3000
Description  COMPLEMENTARY POWER DARLINGTONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ3000 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJ3000 Datasheet HTML 1Page - Comset Semiconductor MJ3000 Datasheet HTML 2Page - Comset Semiconductor MJ3000 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
MJ2500
MJ3000
RthJ-C
Thermal Resistance, Junction to Case
MJ2501
MJ3001
1.17
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ2500
MJ3000
60
-
-
BVCEO
Collector-Emitter
Breakdown Voltage (*)
IC=100 mAdc, IB=0
MJ2501
MJ3001
80
-
-
Vdc
VCE=30 Vdc, IB=0
MJ2500
MJ3000
-
-
ICEO
Collector Cutoff Current
VCE=40 Vdc, IB=0
MJ2501
MJ3001
-
-
1.0
mAdc
MJ2500
MJ3000
IEBO
Emitter Cutoff Current
VBE=5.0 Vdc, IC=0
MJ2501
MJ3001
-
-
2.0
mAdc
VCB=60 V, RBE=1.0 k ohm
MJ2500
MJ3000
-
-
VCB=80 V, RBE=1.0 k ohm
MJ2501
MJ3001
-
-
1.0
VCB=60 V, RBE=1.0 k ohm,
TC=150°C
MJ2500
MJ3000
-
-
ICER
Collector-Emitter Leakage
Current
VCB=80 V, RBE=1.0 k ohm,
TC=150°C
MJ2501
MJ3001
-
-
5.0
mAdc
MJ2500
MJ3000
IC=5.0 A, IB=20 mAdc
MJ2501
MJ3001
-
-
2.0
MJ2500
MJ3000
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=50 mAdc
MJ2501
MJ3001
-
-
4.0
Vdc
MJ2500
MJ3000
VBE
Base-Emitter Voltage (*)
IC=5.0 Adc, VCE=3.0Vdc
MJ2501
MJ3001
-
-
3
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com